Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC194 Datasheet (PDF) - STMicroelectronics

M74HC194 Datasheet PDF - STMicroelectronics
Part # M74HC194
Download  M74HC194 Download

File Size   271.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT PIPO SHIFT REGISTER

M74HC194 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC194 Datasheet PDF - STMicroelectronics

Part # M74HC194
Download  M74HC194 Click to download

File Size   271.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT PIPO SHIFT REGISTER

M74HC194 Datasheet (HTML) - STMicroelectronics

Back Button M74HC194 Datasheet HTML 1Page - STMicroelectronics M74HC194 Datasheet HTML 2Page - STMicroelectronics M74HC194 Datasheet HTML 3Page - STMicroelectronics M74HC194 Datasheet HTML 4Page - STMicroelectronics M74HC194 Datasheet HTML 5Page - STMicroelectronics M74HC194 Datasheet HTML 6Page - STMicroelectronics M74HC194 Datasheet HTML 7Page - STMicroelectronics M74HC194 Datasheet HTML 8Page - STMicroelectronics M74HC194 Datasheet HTML 9Page - STMicroelectronics M74HC194 Datasheet HTML 10Page - STMicroelectronics Next Button 

M74HC194 Product details

DESCRIPTION

TheM54/74HC194 isahigh speed CMOS 4BIT PIPO SHIFT REGISTER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. This SHIFT REGISTER is designed to in corporate virtually allof thefeaturesasystem designer may want in a shift register. It features parallel inputs, parallel outputs, right shift and left shift serial inputs, clear line. The register has four distinct modes of operation : PARALLEL (broadside) LOAD ; SHIFT RIGHT (in the direction QA QD); SHIFT LEFT ; INHIBIT CLOCK (do nothing). Synchronous parallel loading is accomplished byapplying thefour databitsand taking both mode control inputs, S0 and S1 high.



. HIGH SPEED

   tPD = 12 ns (TYP.) AT VCC = 5 V

. LOW POWER DISSIPATION

   ICC = 4 µA (MAX.) AT TA = 25 °C

. OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS

. SYMMETRICAL OUTPUT IMPEDANCE

IOH = IOL = 4 mA (MIN.)

. BALANCED PROPAGATION DELAYS

   tPLH = tPHL

. HIGH NOISE IMMUNITY

   VNIH = VNIL = 28 % VCC (MIN.)

. WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V

. PIN AND FUNCTION COMPATIBLE WITH 54/74LS194




Similar Part No. - M74HC194

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190 STMICROELECTRONICS-M74HC190 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190B1R STMICROELECTRONICS-M74HC190B1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190B1R STMICROELECTRONICS-M74HC190B1R Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190C1R STMICROELECTRONICS-M74HC190C1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results


Similar Description - M74HC194

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC195 STMICROELECTRONICS-M54HC195 Datasheet
264Kb / 13P
   8 BIT PIPO SHIFT REGISTER
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com