Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N-SS254 Datasheet (PDF) - Semtech Corporation

1N-SS254 Datasheet PDF - Semtech Corporation
Part # 1N-SS254
Download  1N-SS254 Download

File Size   221.83 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Packing Specification of 52mm Ammo Pack

1N-SS254 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N-SS254 Datasheet PDF - Semtech Corporation

Part # 1N-SS254
Download  1N-SS254 Click to download

File Size   221.83 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Packing Specification of 52mm Ammo Pack

1N-SS254 Datasheet (HTML) - Semtech Corporation

1N-SS254 Datasheet HTML 1Page - Semtech Corporation 1N-SS254 Datasheet HTML 2Page - Semtech Corporation

1N-SS254 Product details

Features
• Ultra-high speed.
• High withstand voltage.
• Low leakage and high voltage.



Similar Part No. - 1N-SS254

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N-SS254 SEMTECH_ELEC-1N-SS254 Datasheet
81Kb / 1P
   HIGH-SPEED SWITCHING DIODE
More results


Similar Description - 1N-SS254

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
HOKURIKU ELECTRIC INDUS...
E011419 HOKURIKU-E011419 Datasheet
194Kb / 1P
   Packing Specification
logo
Cornell Dubilier Electr...
SEK CDE-SEK Datasheet
318Kb / 8P
   Available in T&R and ammo pack
logo
Amphenol Corporation
GSB4121XYZCHR AMPHENOL-GSB4121XYZCHR Datasheet
991Kb / 2P
   packing per amta packing specification pks-0001
GSB4164X5XHR AMPHENOL-GSB4164X5XHR Datasheet
1Mb / 3P
   packing per amta packing specification pks-0001
G881HXX21C3HR AMPHENOL-G881HXX21C3HR Datasheet
973Kb / 3P
   packing per amta packing specification pks-0001
GSB411BXYZHR AMPHENOL-GSB411BXYZHR Datasheet
759Kb / 2P
   packing per amta packing specification pks-0001
G09-12X2-30XX-LF AMPHENOL-G09-12X2-30XX-LF Datasheet
427Kb / 4P
   packing per amta packing specification pks-0001
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com