Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4094 Datasheet (PDF) - STMicroelectronics

M54HC4094 Datasheet PDF - STMicroelectronics
Part # M54HC4094
Download  M54HC4094 Download

File Size   270.2 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT SIPO SHIFT LATCH REGISTER 3-STATE

M54HC4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC4094 Datasheet PDF - STMicroelectronics

Part # M54HC4094
Download  M54HC4094 Click to download

File Size   270.2 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT SIPO SHIFT LATCH REGISTER 3-STATE

M54HC4094 Datasheet (HTML) - STMicroelectronics

Back Button M54HC4094 Datasheet HTML 1Page - STMicroelectronics M54HC4094 Datasheet HTML 2Page - STMicroelectronics M54HC4094 Datasheet HTML 3Page - STMicroelectronics M54HC4094 Datasheet HTML 4Page - STMicroelectronics M54HC4094 Datasheet HTML 5Page - STMicroelectronics M54HC4094 Datasheet HTML 6Page - STMicroelectronics M54HC4094 Datasheet HTML 7Page - STMicroelectronics M54HC4094 Datasheet HTML 8Page - STMicroelectronics M54HC4094 Datasheet HTML 9Page - STMicroelectronics M54HC4094 Datasheet HTML 10Page - STMicroelectronics Next Button 

M54HC4094 Product details

DESCRIPTION
The M54/74HC4094 is a high speed CMOS 8 BIT SIPOSHIFT LATCH REGISTER fabricated with silicon gate C2MOS technology.

■ HIGH SPEED
   fMAX = 73 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
   VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
   10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
   WITH 4094B




Similar Part No. - M54HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4094D STMICROELECTRONICS-M54HC4094D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4094K STMICROELECTRONICS-M54HC4094K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results


Similar Description - M54HC4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
   8 BIT SIPO SHIFT REGISTER
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com