Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST485CDR Datasheet (PDF) - STMicroelectronics

ST485CDR Datasheet PDF - STMicroelectronics
Part # ST485CDR
Download  ST485CDR Download

File Size   730.75 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power RS-485/RS-422 transceiver

ST485CDR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST485CDR Datasheet PDF - STMicroelectronics

Part # ST485CDR
Download  ST485CDR Click to download

File Size   730.75 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power RS-485/RS-422 transceiver

ST485CDR Datasheet (HTML) - STMicroelectronics

Back Button ST485CDR Datasheet HTML 1Page - STMicroelectronics ST485CDR Datasheet HTML 2Page - STMicroelectronics ST485CDR Datasheet HTML 3Page - STMicroelectronics ST485CDR Datasheet HTML 4Page - STMicroelectronics ST485CDR Datasheet HTML 5Page - STMicroelectronics ST485CDR Datasheet HTML 6Page - STMicroelectronics ST485CDR Datasheet HTML 7Page - STMicroelectronics ST485CDR Datasheet HTML 8Page - STMicroelectronics ST485CDR Datasheet HTML 9Page - STMicroelectronics ST485CDR Datasheet HTML 10Page - STMicroelectronics Next Button 

ST485CDR Product details

Description

The ST485 is al low power transceiver for RS-485 and RS-422 communication. Each part contains

one driver and one receiver. This transceiver draw 300 µA (typ.) of supply current when unloaded or fully loaded with disabled drivers. It operates from a single 5 V supply.

Driver is short-circuit current limited and is protected against excessive power dissipation by

thermal shutdown circuitry that placed the driver outputs into a high-impedance state.

The ST485 is designed for bi-directional data communications on multipoint bus transmission

line (half-duplex applications).



Features

■ Low quiescent current: 300 µA

■ Designed for RS-485 interface application

■ -7 V to 12 V common mode input voltage range

■ Driver maintains high impedance in 3-state or with the power OFF

■ 70 mV typical input hysteresis

■ 30 ns propagation delay, 5 ns skew

■ Operate from a single 5 V supply

■ Current limiting and thermal shutdown for driver overload protection

■ Allows up to 64 transceivers on the bus




Similar Part No. - ST485CDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485CDR STMICROELECTRONICS-ST485CDR Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485CDR STMICROELECTRONICS-ST485CDR Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
More results


Similar Description - ST485CDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com