Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HCT174 Datasheet (PDF) - STMicroelectronics

M54HCT174 Datasheet PDF - STMicroelectronics
Part # M54HCT174
Download  M54HCT174 Download

File Size   245.35 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M54HCT174 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HCT174 Datasheet PDF - STMicroelectronics

Part # M54HCT174
Download  M54HCT174 Click to download

File Size   245.35 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M54HCT174 Datasheet (HTML) - STMicroelectronics

Back Button M54HCT174 Datasheet HTML 1Page - STMicroelectronics M54HCT174 Datasheet HTML 2Page - STMicroelectronics M54HCT174 Datasheet HTML 3Page - STMicroelectronics M54HCT174 Datasheet HTML 4Page - STMicroelectronics M54HCT174 Datasheet HTML 5Page - STMicroelectronics M54HCT174 Datasheet HTML 6Page - STMicroelectronics M54HCT174 Datasheet HTML 7Page - STMicroelectronics M54HCT174 Datasheet HTML 8Page - STMicroelectronics M54HCT174 Datasheet HTML 9Page - STMicroelectronics M54HCT174 Datasheet HTML 10Page - STMicroelectronics Next Button 

M54HCT174 Product details

DESCRIPTION
The M54/74HCT174 is a high speed CMOS HEX DTYPEFLIP-FLOP WITH CLEAR fabricated in silicon gateC2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.

■ HIGH SPEED
   fMAX = 56 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) AT TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS
   VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ OUTPUT DRIVE CAPABILITY
   10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE WITH
   54/74LS174




Similar Part No. - M54HCT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT10 STMICROELECTRONICS-M54HCT10 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NAND GATE
M54HCT10F1R STMICROELECTRONICS-M54HCT10F1R Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NAND GATE
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
M54HCT125F1R STMICROELECTRONICS-M54HCT125F1R Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
   3 TO 8 LINE DECODER/LATCH INVERTING
More results


Similar Description - M54HCT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com