Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT245 Datasheet (PDF) - STMicroelectronics

M74HCT245 Datasheet PDF - STMicroelectronics
Part # M74HCT245
Download  M74HCT245 Download

File Size   264.95 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING

M74HCT245 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT245 Datasheet PDF - STMicroelectronics

Part # M74HCT245
Download  M74HCT245 Click to download

File Size   264.95 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING

M74HCT245 Datasheet (HTML) - STMicroelectronics

Back Button M74HCT245 Datasheet HTML 1Page - STMicroelectronics M74HCT245 Datasheet HTML 2Page - STMicroelectronics M74HCT245 Datasheet HTML 3Page - STMicroelectronics M74HCT245 Datasheet HTML 4Page - STMicroelectronics M74HCT245 Datasheet HTML 5Page - STMicroelectronics M74HCT245 Datasheet HTML 6Page - STMicroelectronics M74HCT245 Datasheet HTML 7Page - STMicroelectronics M74HCT245 Datasheet HTML 8Page - STMicroelectronics M74HCT245 Datasheet HTML 9Page - STMicroelectronics M74HCT245 Datasheet HTML 10Page - STMicroelectronics Next Button 

M74HCT245 Product details

DESCRIPTION
The M54/74HCT245, HCT640 and HCT643 utilise silicon gate C2MOS technology to achive operating speeds eqivalent to LSTTL devices.
   
■ HIGH SPEED
    tPD = 10 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) at TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS
    VIH = 2V (MIN.) VIL = 0.8V (MAX.)
■ OUTPUT DRIVE CAPABILITY
    15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 6 mA (MIN)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS245/640/643
   




Similar Part No. - M74HCT245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT245 STMICROELECTRONICS-M74HCT245 Datasheet
258Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT245B1R STMICROELECTRONICS-M74HCT245B1R Datasheet
258Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT245M1R STMICROELECTRONICS-M74HCT245M1R Datasheet
258Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT245RM13TR STMICROELECTRONICS-M74HCT245RM13TR Datasheet
258Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT245TTR STMICROELECTRONICS-M74HCT245TTR Datasheet
258Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Similar Description - M74HCT245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
Texas Instruments
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com