Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT244 Datasheet (PDF) - STMicroelectronics

M74HCT244 Datasheet PDF - STMicroelectronics
Part # M74HCT244
Download  M74HCT244 Download

File Size   262.96 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED

M74HCT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT244 Datasheet PDF - STMicroelectronics

Part # M74HCT244
Download  M74HCT244 Click to download

File Size   262.96 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED

M74HCT244 Datasheet (HTML) - STMicroelectronics

Back Button M74HCT244 Datasheet HTML 1Page - STMicroelectronics M74HCT244 Datasheet HTML 2Page - STMicroelectronics M74HCT244 Datasheet HTML 3Page - STMicroelectronics M74HCT244 Datasheet HTML 4Page - STMicroelectronics M74HCT244 Datasheet HTML 5Page - STMicroelectronics M74HCT244 Datasheet HTML 6Page - STMicroelectronics M74HCT244 Datasheet HTML 7Page - STMicroelectronics M74HCT244 Datasheet HTML 8Page - STMicroelectronics M74HCT244 Datasheet HTML 9Page - STMicroelectronics M74HCT244 Datasheet HTML 10Page - STMicroelectronics Next Button 

M74HCT244 Product details

DESCRIPTION
The M54/74HCT240, HCT241 and HCT244 are high speed CMOS OCTAL BUS BUFFERs fabricated in silicon gate C2MOS technology.

■ HIGH SPEED
   tPD = 13 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) at TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS
   VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ OUTPUT DRIVE CAPABILITY
   15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   |IOH| = IOL = 6 mA (MIN)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE
   WITH 54/74LS240/241/244




Similar Part No. - M74HCT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT244 STMICROELECTRONICS-M74HCT244 Datasheet
193Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
193Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT244M1R STMICROELECTRONICS-M74HCT244M1R Datasheet
193Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HCT244M1R STMICROELECTRONICS-M74HCT244M1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Similar Description - M74HCT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC240 STMICROELECTRONICS-M54HC240 Datasheet
270Kb / 12P
   HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com