Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58MR016C Datasheet (PDF) - STMicroelectronics

M58MR016C Datasheet PDF - STMicroelectronics
Part # M58MR016C
Download  M58MR016C Download

File Size   389.53 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory

M58MR016C Datasheet (PDF)

Go To PDF Page Download Datasheet
M58MR016C Datasheet PDF - STMicroelectronics

Part # M58MR016C
Download  M58MR016C Click to download

File Size   389.53 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory

M58MR016C Datasheet (HTML) - STMicroelectronics

Back Button M58MR016C Datasheet HTML 1Page - STMicroelectronics M58MR016C Datasheet HTML 2Page - STMicroelectronics M58MR016C Datasheet HTML 3Page - STMicroelectronics M58MR016C Datasheet HTML 4Page - STMicroelectronics M58MR016C Datasheet HTML 5Page - STMicroelectronics M58MR016C Datasheet HTML 6Page - STMicroelectronics M58MR016C Datasheet HTML 7Page - STMicroelectronics M58MR016C Datasheet HTML 8Page - STMicroelectronics M58MR016C Datasheet HTML 9Page - STMicroelectronics M58MR016C Datasheet HTML 10Page - STMicroelectronics Next Button 

M58MR016C Product details

DESCRIPTION
The M58MR016 is a 16 Mbit non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-byWord basis using a 1.7V to 2.0V VDD supply for the circuitry. For Program and Erase operations the necessary high voltages are generated internally.

■ SUPPLY VOLTAGE
    – VDD = VDDQ = 1.7V to 2.0V for Program, Erase and Read
    – VPP = 12V for fast Program (optional)
■ MULTIPLEXED ADDRESS/DATA
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Burst mode Read: 40MHz
    – Page mode Read (4 Words Page)
    – Random Access: 100ns
■ PROGRAMMING TIME
    – 10µs by Word typical
    – Two or four words programming option
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 4/12 Mbit
    – Parameter Blocks (Top or Bottom location)
■ DUAL OPERATIONS
    – Read within one Bank while Program or Erase within the other
    – No delay between Read and Write operations
■ PROTECTION/SECURITY
    – All Blocks protected at Power-up
    – Any combination of Blocks can be protected
    – 64 bit unique device identifier
    – 64 bit user programmable OTP cells
    – One parameter block permanently lockable
■ COMMON FLASH INTERFACE (CFI)
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M58MR016C: 88DEh
    – Bottom Device Code, M58MR016D: 88E0h




Similar Part No. - M58MR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032-ZCT STMICROELECTRONICS-M58MR032-ZCT Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR032C100ZC6T STMICROELECTRONICS-M58MR032C100ZC6T Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR032C120ZC6T STMICROELECTRONICS-M58MR032C120ZC6T Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR032CZC STMICROELECTRONICS-M58MR032CZC Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
More results


Similar Description - M58MR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com