Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR128ET Datasheet (PDF) - STMicroelectronics

M58WR128ET Datasheet PDF - STMicroelectronics
Part # M58WR128ET
Download  M58WR128ET Download

File Size   1113.96 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory

M58WR128ET Datasheet (PDF)

Go To PDF Page Download Datasheet
M58WR128ET Datasheet PDF - STMicroelectronics

Part # M58WR128ET
Download  M58WR128ET Click to download

File Size   1113.96 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory

M58WR128ET Datasheet (HTML) - STMicroelectronics

Back Button M58WR128ET Datasheet HTML 1Page - STMicroelectronics M58WR128ET Datasheet HTML 2Page - STMicroelectronics M58WR128ET Datasheet HTML 3Page - STMicroelectronics M58WR128ET Datasheet HTML 4Page - STMicroelectronics M58WR128ET Datasheet HTML 5Page - STMicroelectronics M58WR128ET Datasheet HTML 6Page - STMicroelectronics M58WR128ET Datasheet HTML 7Page - STMicroelectronics M58WR128ET Datasheet HTML 8Page - STMicroelectronics M58WR128ET Datasheet HTML 9Page - STMicroelectronics M58WR128ET Datasheet HTML 10Page - STMicroelectronics Next Button 

M58WR128ET Product details

SUMMARY DESCRIPTION
The M58WR128E is a 128 Mbit (8Mbit x16) nonvolatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.2V VDD supply for the circuitry and a 1.65V to 3.3V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided to speed up customer programming.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 1.65V to 2.2V for Program, Erase and Read
    – VDDQ = 1.65V to 3.3V for I/O Buffers
    – VPP = 12V for fast Program (optional)
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Synchronous Burst Read mode: 54MHz
    – Asynchronous/ Synchronous Page Read mode
    – Random Access: 70, 80, 100ns
■ SYNCHRONOUS BURST READ SUSPEND
■ PROGRAMMING TIME
    – 8µs by Word typical for Fast Factory Program
    – Double/Quadruple Word Program option
    – Enhanced Factory Program options
■ MEMORY BLOCKS
    – Multiple Bank Memory Array: 4 Mbit Banks
    – Parameter Blocks (Top or Bottom location)
■ DUAL OPERATIONS
    – Program Erase in one Bank while Read in others
    – No delay between Read and Write operations
■ BLOCK LOCKING
    – All blocks locked at Power up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 128 bit user programmable OTP cells
    – 64 bit unique device number
    – One parameter block permanently lockable
■ COMMON FLASH INTERFACE (CFI)
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M58WR128ET: 881Eh
    – Bottom Device Code, M58WR128EB: 881Fh




Similar Part No. - M58WR128ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results


Similar Description - M58WR128ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com