Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC20 Datasheet (PDF) - STMicroelectronics

M74HC20 Datasheet PDF - STMicroelectronics
Part # M74HC20
Download  M74HC20 Download

File Size   172.7 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT NAND GATE

M74HC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC20 Datasheet PDF - STMicroelectronics

Part # M74HC20
Download  M74HC20 Click to download

File Size   172.7 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT NAND GATE

M74HC20 Datasheet (HTML) - STMicroelectronics

M74HC20 Datasheet HTML 1Page - STMicroelectronics M74HC20 Datasheet HTML 2Page - STMicroelectronics M74HC20 Datasheet HTML 3Page - STMicroelectronics M74HC20 Datasheet HTML 4Page - STMicroelectronics M74HC20 Datasheet HTML 5Page - STMicroelectronics M74HC20 Datasheet HTML 6Page - STMicroelectronics M74HC20 Datasheet HTML 7Page - STMicroelectronics M74HC20 Datasheet HTML 8Page - STMicroelectronics

M74HC20 Product details

DESCRIPTION
The M54/74HC20 is a high speed CMOS DUAL 4-INPUT NAND GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
   
■ HIGH SPEED
    tPD = 8 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH
    54/74LS20
   




Similar Part No. - M74HC20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
232Kb / 9P
   DUAL 4-INPUT NAND GATE
M74HC20B1R STMICROELECTRONICS-M74HC20B1R Datasheet
232Kb / 9P
   DUAL 4-INPUT NAND GATE
M74HC20C1R STMICROELECTRONICS-M74HC20C1R Datasheet
232Kb / 9P
   DUAL 4-INPUT NAND GATE
M74HC20M1R STMICROELECTRONICS-M74HC20M1R Datasheet
232Kb / 9P
   DUAL 4-INPUT NAND GATE
More results


Similar Description - M74HC20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com