Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT4053 Datasheet (PDF) - STMicroelectronics

M74HCT4053 Datasheet PDF - STMicroelectronics
Part # M74HCT4053
Download  M74HCT4053 Download

File Size   233.94 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER

M74HCT4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT4053 Datasheet PDF - STMicroelectronics

Part # M74HCT4053
Download  M74HCT4053 Click to download

File Size   233.94 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER

M74HCT4053 Datasheet (HTML) - STMicroelectronics

Back Button M74HCT4053 Datasheet HTML 1Page - STMicroelectronics M74HCT4053 Datasheet HTML 2Page - STMicroelectronics M74HCT4053 Datasheet HTML 3Page - STMicroelectronics M74HCT4053 Datasheet HTML 4Page - STMicroelectronics M74HCT4053 Datasheet HTML 5Page - STMicroelectronics M74HCT4053 Datasheet HTML 6Page - STMicroelectronics M74HCT4053 Datasheet HTML 7Page - STMicroelectronics M74HCT4053 Datasheet HTML 8Page - STMicroelectronics M74HCT4053 Datasheet HTML 9Page - STMicroelectronics M74HCT4053 Datasheet HTML 10Page - STMicroelectronics Next Button 

M74HCT4053 Product details

DESCRIPTION

The M74HCT4053 is a triple two-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology and it is pin to pin compatible with the equivalent metal gate CMOS4000B series.

It contains 6 bidirectional and digitally controlled analog switches.

A built-in level shifting is included to allow an input range up to ±6V (peak) for an analog signal with digital control signal of 0 to 6V.



■ LOW POWER DISSIPATION:

   ICC = 4µA (MAX.) at TA=25°C

■ LOGIC LEVEL TRANSLATION TO ENABLE TTL LOGIC SIGNAL TO COMMUNICATE WITH ±5V ANALOG SIGNAL

■ LOW "ON" RESISTANCE:

   70Ω TYP. (VCC - VEE = 4.5V)

   50Ω TYP. (VCC - VEE = 9V)

■ WIDE ANALOG INPUT VOLTAGE RANGE: ±6V

■ FAST SWITCHING:

   tpd = 13ns (TYP.) at TA = 25 °C

■ LOW CROSSTALK BETWEEN SWITCHES

■ HIGH ON/OFF OUTPUT VOLTAGE RATIO

■ WIDE OPERATING SUPPLY VOLTAGE RANGE (VCC - VEE) = 2V TO 12V

■ LOW SINE WAVE DISTORTION:

   0.02% at VCC - VEE = 9V

■ COMPATIBLE WITH TTL OUTPUTS:

   VIH = 2V(MIN.) VIL = 0.8V (MAX.)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 4053



 




Similar Part No. - M74HCT4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74HCT4053ADTR2G ONSEMI-M74HCT4053ADTR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Similar Description - M74HCT4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com