Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128 Datasheet (PDF) - STMicroelectronics

RIVA128 Datasheet PDF - STMicroelectronics
Part # RIVA128
Download  RIVA128 Download

File Size   1477.29 Kbytes
Page   77 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RIVA 128??128-BIT 3D MULTIMEDIA ACCELERATOR

RIVA128 Datasheet (PDF)

Go To PDF Page Download Datasheet
RIVA128 Datasheet PDF - STMicroelectronics

Part # RIVA128
Download  RIVA128 Click to download

File Size   1477.29 Kbytes
Page   77 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RIVA 128??128-BIT 3D MULTIMEDIA ACCELERATOR

RIVA128 Datasheet (HTML) - STMicroelectronics

Back Button RIVA128 Datasheet HTML 1Page - STMicroelectronics RIVA128 Datasheet HTML 2Page - STMicroelectronics RIVA128 Datasheet HTML 3Page - STMicroelectronics RIVA128 Datasheet HTML 4Page - STMicroelectronics RIVA128 Datasheet HTML 5Page - STMicroelectronics RIVA128 Datasheet HTML 6Page - STMicroelectronics RIVA128 Datasheet HTML 7Page - STMicroelectronics RIVA128 Datasheet HTML 8Page - STMicroelectronics RIVA128 Datasheet HTML 9Page - STMicroelectronics RIVA128 Datasheet HTML 10Page - STMicroelectronics Next Button 

RIVA128 Product details

DESCRIPTION
The RIVA 128™ is the first 128-bit 3D Multimedia Accelerator to offer unparalleled 2D and 3D performance, meeting all the requirements of the mainstream PC graphics market and Microsoft’s PC’97. The RIVA 128 introduces the most advanced Direct3D™ acceleration solution and also delivers leadership VGA, 2D and Video performance, enabling a range of applications from 3D games through to DVD, Intercast™ and video conferencing.

KEY FEATURES
• Fast 32-bit VGA/SVGA
• High performance 128-bit 2D/GUI/DirectDraw Acceleration
• Interactive, Photorealistic Direct3D Acceleration with advanced effects
• Massive 1.6Gbytes/s, 100MHz 128-bit wide frame buffer interface
• Video Acceleration for DirectDraw/DirectVideo, MPEG-1/2 and Indeo®
   - Planar 4:2:0 and packed 4:2:2 Color Space Conversion
   - X and Y smooth up and down scaling
• 230MHz Palette-DAC supporting up to 1600x1200@75Hz
• NTSC and PAL output with flicker-filter
• Multi-function Video Port and serial interface
• Bus mastering DMA 66MHz Accelerated Graphics Port (AGP) 1.0 Interface
• Bus mastering DMA PCI 2.1 interface
• 0.35 micron 5LM CMOS
• 300 PBGA




Similar Part No. - RIVA128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128ZX STMICROELECTRONICS-RIVA128ZX Datasheet
609Kb / 85P
   128-BIT 3D MULTIMEDIA ACCELERATOR
June 1998
More results


Similar Description - RIVA128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128ZX STMICROELECTRONICS-RIVA128ZX Datasheet
609Kb / 85P
   128-BIT 3D MULTIMEDIA ACCELERATOR
June 1998
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
   AES-128 bit encryption hardware accelerator
March 2016 Rev 4
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
   AES 128-bit encryption hardware accelerator
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128H128A VISHAY-LCD-128H128A_V02 Datasheet
67Kb / 3P
   128 x 128 Graphic LCD
01-Jan-2023
LCD-128H128A VISHAY-LCD-128H128A Datasheet
70Kb / 3P
   128 x 128 Graphic LCD
Revision: 06-Nov-12
LCD-128H128A VISHAY-LCD-128H128A_V01 Datasheet
67Kb / 3P
   128 x 128 Graphic LCDs
01-Jan-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com