Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T220CA Datasheet (PDF) - STMicroelectronics

SM6T220CA Datasheet PDF - STMicroelectronics
Part # SM6T220CA
Download  SM6T220CA Download

File Size   186.09 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM

SM6T220CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6T220CA Datasheet PDF - STMicroelectronics

Part # SM6T220CA
Download  SM6T220CA Click to download

File Size   186.09 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM

SM6T220CA Datasheet (HTML) - STMicroelectronics

SM6T220CA Datasheet HTML 1Page - STMicroelectronics SM6T220CA Datasheet HTML 2Page - STMicroelectronics SM6T220CA Datasheet HTML 3Page - STMicroelectronics SM6T220CA Datasheet HTML 4Page - STMicroelectronics SM6T220CA Datasheet HTML 5Page - STMicroelectronics

SM6T220CA Product details

Description
The SM6T Transil series has been designed to protect sensitive equipment against electrostatic discharges according to IEC 61000-4-2 and MIL STD 883, method 3015, and electrical overstress according to IEC 61000-4-4 and 5. These devices are more generally used against surges below 600 W (10/1000 µs).
Planar technology makes these devices suitable for high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time.
SM6T are packaged in SMB (SMB footprint in accordance with IPC 7531 standard).

Features
■ Peak pulse power:
   – 600 W (10/1000 µs)
   – 4 kW (8/20 µs)
■ Breakdown voltage range: from 6.8 V to 220 V
■ Unidirectional and bidirectional types
■ Low leakage current:
   – 0.2 µA at 25 °C
   – 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tjmax:
   – 515 W (10/1000 µs)
■ JEDEC registered package outline

Complies with the following standards
■ IEC 61000-4-2 level 4:
   – 15 kV (air discharge)
   – 8 kV (contact discharge)
■ IEC 61000-4-5
■ MIL STD 883G, method 3015-7: class 3B:
   – 25 kV HBM (human body model)
■ UL 497B, file number: QVGQ2.E136224
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 soldererability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint




Similar Part No. - SM6T220CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SM6T220CA MDE-SM6T220CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM6T220CA STMICROELECTRONICS-SM6T220CA Datasheet
125Kb / 10P
   Transil
logo
Shenzhen Luguang Electr...
SM6T220CA LUGUANG-SM6T220CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T220CA SUNMATE-SM6T220CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SM6T220CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com