Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16SF41 Datasheet (PDF) - STMicroelectronics

ST16SF41 Datasheet PDF - STMicroelectronics
Part # ST16SF41
Download  ST16SF41 Download

File Size   28.0 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 1344 Bytes EEPROM

ST16SF41 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16SF41 Datasheet PDF - STMicroelectronics

Part # ST16SF41
Download  ST16SF41 Click to download

File Size   28.0 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 1344 Bytes EEPROM

ST16SF41 Datasheet (HTML) - STMicroelectronics

ST16SF41 Datasheet HTML 1Page - STMicroelectronics ST16SF41 Datasheet HTML 2Page - STMicroelectronics

ST16SF41 Product details

DESCRIPTION
The ST16SF41, a member of the standard ST16 device family, is a serial access microcontroller especially designed for high volume and cost competitive Smartcard applications where firmware security algorithm must be implemented.

■ 8 BIT ARCHITECTURE CPU
■ 16 KBytes of USER ROM, SECTOR COMBINATIVE
■ 1.5 KByte of SYSTEM ROM
■ 384 Bytes of RAM
■ 1344 Bytes of EEPROM, SECTOR COMBINATIVE
    – Highly reliable CMOS EEPROM technology
    – 10 year data retention
    – 300,000 Erase/Write cycle endurance
    – Protected One Time Programmable block (32 or 64 bytes)
    – 1 to 32 bytes block either Erase or Write in single cycle programming
■ EXTENDED VOLTAGE OPERATION
    – VCC Range: 2.7V to 5.5V
■ SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ POWER SAVING STANDBY MODE
■ UP TO 5 MHz INTERNAL OPERATING FREQUENCY
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH ERASE
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V
■ MEETS GSM 11.11 AND 11.12 SPECIFICATIONS
■ 2 OPERATING CONFIGURATIONS
    – ISSUER
    – USER




Similar Part No. - ST16SF41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
   Smartcard MCU With 16352 Bytes EEPROM
More results


Similar Description - ST16SF41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
   Smartcard MCU With 16352 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
   Smartcard MCU With 512 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
   Smartcard MCU With 1088 Bytes EEPROM
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
   Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
   SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com