Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16SF4F Datasheet (PDF) - STMicroelectronics

ST16SF4F Datasheet PDF - STMicroelectronics
Part # ST16SF4F
Download  ST16SF4F Download

File Size   28.09 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 16352 Bytes EEPROM

ST16SF4F Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16SF4F Datasheet PDF - STMicroelectronics

Part # ST16SF4F
Download  ST16SF4F Click to download

File Size   28.09 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 16352 Bytes EEPROM

ST16SF4F Datasheet (HTML) - STMicroelectronics

ST16SF4F Datasheet HTML 1Page - STMicroelectronics ST16SF4F Datasheet HTML 2Page - STMicroelectronics

ST16SF4F Product details

DESCRIPTION
The ST16SF4F, a member of the standard ST16 device family, is a serial access microcontroller especially designed for high volume and cost competitive Smartcard applications where firmware security algorithm must be implemented.
The ST16SF4F is based on 8 bit CPU core and includes on chip memories: 384 Bytes of RAM, 16 KBytes of USER ROM, 1.5 KByte of SYSTEM ROM, and 16352 Bytes of EEPROM.

■ 8 BIT ARCHITECTURE CPU
■ 16 KBytes of USER ROM, SECTOR COMBINATIVE
■ 1.5 KByte of SYSTEM ROM
■ 384 Bytes of RAM
■ 16352 Bytes of EEPROM, SECTOR COMBINATIVE
   – Highly reliable CMOS EEPROM technology
   – 10 year data retention
   – 300,000 Erase/Write cycle endurance
   – Protected One Time Programmable block (32 or 64 bytes)
   – 1 to 32 bytes block either Erase or Write in single cycle programming
■ EXTENDED VOLTAGE OPERATION
   – VCC Range: 2.7V to 5.5V
■ SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ POWER SAVING STANDBY MODE
■ UP TO 5 MHz INTERNAL OPERATING FREQUENCY
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH ERASE
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V
■ MEETS GSM 11.11 AND 11.12 SPECIFICATIONS
■ 2 OPERATING CONFIGURATIONS
   – ISSUER
   – USER




Similar Part No. - ST16SF4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
   Smartcard MCU With 1344 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM
More results


Similar Description - ST16SF4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16ST2G STMICROELECTRONICS-ST16ST2G Datasheet
29Kb / 2P
   Smartcard MCU With up to 16352 Bytes EEPROM & T2G Authentication Library
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
   Smartcard MCU With 512 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
   Smartcard MCU With 1344 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
   Smartcard MCU With 1088 Bytes EEPROM
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
   Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com