Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS203V17 Datasheet (PDF) - Torex Semiconductor

XBS203V17 Datasheet PDF - Torex Semiconductor
Part # XBS203V17
Download  XBS203V17 Download

File Size   80.69 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 2A, 30V Type

XBS203V17 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS203V17 Datasheet PDF - Torex Semiconductor

Part # XBS203V17
Download  XBS203V17 Click to download

File Size   80.69 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 2A, 30V Type

XBS203V17 Datasheet (HTML) - Torex Semiconductor

XBS203V17 Datasheet HTML 1Page - Torex Semiconductor XBS203V17 Datasheet HTML 2Page - Torex Semiconductor XBS203V17 Datasheet HTML 3Page - Torex Semiconductor

XBS203V17 Product details

■ FEATURES
   Forward Voltage : VF=0.35V (TYP.)
   Forward Current : IF(AV)=2A
   Repetitive Peak Reverse Voltage : VRM=30V

■ APPLICATIONS
● Rectification
● Protection against reverse connection of battery




Similar Part No. - XBS203V17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS203V17-12 TOREX-XBS203V17-12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R TOREX-XBS203V17R Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17 TOREX-XBS203V17_12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
More results


Similar Description - XBS203V17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17 TOREX-XBS203V17_12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17-12 TOREX-XBS203V17-12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS206S17-12 TOREX-XBS206S17-12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS206S17 TOREX-XBS206S17 Datasheet
77Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS206S17 TOREX-XBS206S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS204S19R-G TOREX-XBS204S19R-G Datasheet
147Kb / 4P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com