Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST24C02 Datasheet (PDF) - STMicroelectronics

ST24C02 Datasheet PDF - STMicroelectronics
Part # ST24C02
Download  ST24C02 Download

File Size   145.59 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL 2K (256 x 8) EEPROM

ST24C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST24C02 Datasheet PDF - STMicroelectronics

Part # ST24C02
Download  ST24C02 Click to download

File Size   145.59 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL 2K (256 x 8) EEPROM

ST24C02 Datasheet (HTML) - STMicroelectronics

Back Button ST24C02 Datasheet HTML 1Page - STMicroelectronics ST24C02 Datasheet HTML 2Page - STMicroelectronics ST24C02 Datasheet HTML 3Page - STMicroelectronics ST24C02 Datasheet HTML 4Page - STMicroelectronics ST24C02 Datasheet HTML 5Page - STMicroelectronics ST24C02 Datasheet HTML 6Page - STMicroelectronics ST24C02 Datasheet HTML 7Page - STMicroelectronics ST24C02 Datasheet HTML 8Page - STMicroelectronics ST24C02 Datasheet HTML 9Page - STMicroelectronics ST24C02 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST24C02 Product details

DESCRIPTION
This specification covers a range of 2K bits I2C bus EEPROM products, the ST24/25C02, the ST24C02R and ST24/25W02. In the text, products are referred to as ST24/25x02, where "x" is: "C" for Standard version and "W" for hardware Write Control version.

● 1 MILLION ERASE/WRITE CYCLES with 40 YEARS DATA RETENTION
● SINGLE SUPPLY VOLTAGE:
    – 3V to 5.5V for ST24x02 versions
    – 2.5V to 5.5V for ST25x02 versions
    – 1.8V to 5.5V for ST24C02R version only
● HARDWARE WRITE CONTROL VERSIONS: ST24W02 and ST25W02
● TWO WIRE SERIAL INTERFACE, FULLY I2C BUS COMPATIBLE
● BYTE and MULTIBYTE WRITE (up to 4 BYTES)
● PAGE WRITE (up to 8 BYTES)
● BYTE, RANDOM and SEQUENTIAL READ MODES
● SELF TIMED PROGRAMMING CYCLE
● AUTOMATIC ADDRESS INCREMENTING
● ENHANCED ESD/LATCH-UP PERFORMANCES
● ST24C/W02 are replaced by the M24C02
● ST25C/W02 are replaced by the M24C02-W
● ST24C02R is replaced by the M24C02-R




Similar Part No. - ST24C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
More results


Similar Description - ST24C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Renesas Technology Corp
R1EV24002ASAS0I RENESAS-R1EV24002ASAS0I_15 Datasheet
404Kb / 17P
   Two-wire serial interface 2k EEPROM (256-word ??8-bit)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com