Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST207 Datasheet (PDF) - STMicroelectronics

ST207 Datasheet PDF - STMicroelectronics
Part # ST207
Download  ST207 Download

File Size   62.87 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER

ST207 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST207 Datasheet PDF - STMicroelectronics

Part # ST207
Download  ST207 Click to download

File Size   62.87 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER

ST207 Datasheet (HTML) - STMicroelectronics

ST207 Datasheet HTML 1Page - STMicroelectronics ST207 Datasheet HTML 2Page - STMicroelectronics ST207 Datasheet HTML 3Page - STMicroelectronics ST207 Datasheet HTML 4Page - STMicroelectronics ST207 Datasheet HTML 5Page - STMicroelectronics ST207 Datasheet HTML 6Page - STMicroelectronics ST207 Datasheet HTML 7Page - STMicroelectronics ST207 Datasheet HTML 8Page - STMicroelectronics ST207 Datasheet HTML 9Page - STMicroelectronics

ST207 Product details

DESCRIPTION
The ST207E is a 5 driver and 3 receiver devices designed for RS-232 and V.28 communications in harsh enviroments. Each transmitter output and receiver input is protected against ±15KV electrostatic discharge (ESD) shocks. The drivers and receivers of the ST207E meet all EIA/TIA-232E and CCITT V.28 specifications at data rates up to 120Kbps, when loaded in accordance with the EIA/TIA-232E specification. The ST207E operates with four 0.1µF capacitors. It cames in 24-pin SO and TSSOP packages.

■ ESDPROTECTION FOR RS-232 I/OPINS: ± 15 KV HUMAN BODY MODEL
■ GUARANTEED 120kbpsDATE RATE - LapLink COMPATIBLE
■ GUARANTEED SLEWRATE 3V/µs (Min)
■ OPERATEFROM A SINGLE 5VPOWER SUPPLY
■ PACKAGEDIN SO-24, SSO-24AND TSSOP24 PACKAGES




Similar Part No. - ST207

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST207000 E-SWITCH-ST207000 Datasheet
118Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
AVX Corporation
ST207A104CAR AVX-ST207A104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207A104CARAP1 AVX-ST207A104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207A104CART AVX-ST207A104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207A104CARTR1 AVX-ST207A104CARTR1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
More results


Similar Description - ST207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
   짹 15KV ESD-protected, 1關A, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com