Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232EW Datasheet (PDF) - STMicroelectronics

ST232EW Datasheet PDF - STMicroelectronics
Part # ST232EW
Download  ST232EW Download

File Size   95.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER

ST232EW Datasheet (PDF)

Go To PDF Page Download Datasheet
ST232EW Datasheet PDF - STMicroelectronics

Part # ST232EW
Download  ST232EW Click to download

File Size   95.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER

ST232EW Datasheet (HTML) - STMicroelectronics

Back Button ST232EW Datasheet HTML 1Page - STMicroelectronics ST232EW Datasheet HTML 2Page - STMicroelectronics ST232EW Datasheet HTML 3Page - STMicroelectronics ST232EW Datasheet HTML 4Page - STMicroelectronics ST232EW Datasheet HTML 5Page - STMicroelectronics ST232EW Datasheet HTML 6Page - STMicroelectronics ST232EW Datasheet HTML 7Page - STMicroelectronics ST232EW Datasheet HTML 8Page - STMicroelectronics ST232EW Datasheet HTML 9Page - STMicroelectronics ST232EW Datasheet HTML 10Page - STMicroelectronics Next Button 

ST232EW Product details

DESCRIPTION
The ST202E/ST232E are a 2 driver 2 receiver devices designed for RS-232 and V.28 communications in harsh enviroments. Each transmitter output and receiver input is protected against ± 15KV electrostatic discharge (ESD) shocks. The drivers meet all EIA/TIA-232E and CCITT V.28 specifications at data rates up to 120Kbps, when loaded in accordance with the EIA/TIA-232Especification.

■ ESD PROTECTION FOR RS-232 I/O PINS ±15 KV HUMAN BODY MODEL
■ GUARANTEED 120 kbps DATE RATE
■ GUARANTEED SLEWRATE RANGE 3 to 30V/µs
■ OPERATEFROM A SINGLE 5VPOWER SUPPLY




Similar Part No. - ST232EW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232EB STMICROELECTRONICS-ST232EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST232EC STMICROELECTRONICS-ST232EC Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Similar Description - ST232EW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
   짹 15KV ESD-protected, 1關A, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com