|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
Datasheet (PDF) |
24C02 - SERIAL 2K (256 x 8) EEPROM - STMicroelectronics |
|
|
| ||||||||||||||||||||||||||||||||||||||||||
Datasheet (HTML) |
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ST93C06 | 256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| AT24C128SC | Two-wire Serial EEPROM Smart Card Modules 128K 16 384 x 8 256 32 768 x 8 | 1 2 3 4 5 More | ATMEL Corporation |
| ST93C56 | 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| 93C06 | 256 Bit/1K 5.0V CMOS Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| ST93C66 | 4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| ST93CS66 | 4K 256 x 16 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| ST95P02 | SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| M24256-B | 256/128 Kbit Serial I²C Bus EEPROM With Three Chip Enable Lines | 1 2 3 4 5 More | STMicroelectronics |
| M14256 | Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| M24256-A | 256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|