Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST95P02 Datasheet (PDF) - STMicroelectronics

ST95P02 Datasheet PDF - STMicroelectronics
Part # ST95P02
Download  ST95P02 Download

File Size   151.05 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM

ST95P02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST95P02 Datasheet PDF - STMicroelectronics

Part # ST95P02
Download  ST95P02 Click to download

File Size   151.05 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM

ST95P02 Datasheet (HTML) - STMicroelectronics

Back Button ST95P02 Datasheet HTML 1Page - STMicroelectronics ST95P02 Datasheet HTML 2Page - STMicroelectronics ST95P02 Datasheet HTML 3Page - STMicroelectronics ST95P02 Datasheet HTML 4Page - STMicroelectronics ST95P02 Datasheet HTML 5Page - STMicroelectronics ST95P02 Datasheet HTML 6Page - STMicroelectronics ST95P02 Datasheet HTML 7Page - STMicroelectronics ST95P02 Datasheet HTML 8Page - STMicroelectronics ST95P02 Datasheet HTML 9Page - STMicroelectronics ST95P02 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST95P02 Product details

DESCRIPTION
The ST95P02 is a 2K bit Electrically Erasable Programmable Memory (EEPROM) fabricated with SGS-THOMSON’s High Endurance Single Polysilicon CMOS technology. The 2K bit memory is organised as 16 pages of 16 bytes. The memory is accessed by a simple SPI bus compatible serial interface. The bus signals are a serial clock input (C), a serial data input (D) and a serial data output (Q). The device connected to the bus is selected when the chip select input (S) goes low. Communications with the chip can be interrupted with a hold input (HOLD). The write operation is disabled by a write protect input (W).

■ 1 MILLION ERASE/WRITE CYCLES
■ 40 YEARS DATA RETENTION
■ SINGLE 3V to 5.5V SUPPLY VOLTAGE
■ SPI BUS COMPATIBLE SERIAL INTERFACE
■ 2 MHz CLOCK RATE MAX
■ BLOCK WRITE PROTECTION
■ STATUS REGISTER
■ 16 BYTE PAGE MODE
■ WRITE PROTECT
■ SELF-TIMED PROGRAMMING CYCLE
■ E.S.D.PROTECTION GREATER than 4000V
■ The ST95P02 will be replaced shortly by the updated version ST95020




Similar Part No. - ST95P02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
ST95P04B1TR STMICROELECTRONICS-ST95P04B1TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
ST95P04B3TR STMICROELECTRONICS-ST95P04B3TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
ST95P04B6TR STMICROELECTRONICS-ST95P04B6TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
ST95P04M1TR STMICROELECTRONICS-ST95P04M1TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
More results


Similar Description - ST95P02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
logo
Microchip Technology
25AA020A MICROCHIP-25AA020A_12 Datasheet
1Mb / 38P
   2K SPI Bus Serial EEPROM
11/27/12
25AA020A MICROCHIP-25AA020A Datasheet
483Kb / 28P
   2K SPI Bus Serial EEPROM
2006
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
Rohm
BR25L020-W ROHM-BR25L020-W Datasheet
335Kb / 6P
   SPI BUS 2Kbit (256 x 8bit) EEPROM
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com