Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB2S Datasheet (PDF) - GOOD-ARK Electronics

RMB2S Datasheet PDF - GOOD-ARK Electronics
Part # RMB2S
Download  RMB2S Download

File Size   140.5 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere

RMB2S Datasheet (PDF)

Go To PDF Page Download Datasheet
RMB2S Datasheet PDF - GOOD-ARK Electronics

Part # RMB2S
Download  RMB2S Click to download

File Size   140.5 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere

RMB2S Datasheet (HTML) - GOOD-ARK Electronics

RMB2S Datasheet HTML 1Page - GOOD-ARK Electronics RMB2S Datasheet HTML 2Page - GOOD-ARK Electronics

RMB2S Product details

Features
◆ Plastic package has UL Flammability Classification 94V-0
◆ Glass passivated chip junctions
◆ Saves space on printed circuit boards
◆ Fast recovery, low switching loss
◆ High temperature soldering guaranteed: 260°C/10 seconds at 5 lbs. (2.3kg) tension




Similar Part No. - RMB2S

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RMB2S GE-RMB2S Datasheet
42Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
logo
Microdiode Electronics ...
RMB2S CHENDA-RMB2S Datasheet
557Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S Datasheet
174Kb / 2P
   0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
106Kb / 5P
   Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
01-Jan-2022
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
   Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
Revision: 01-Feb-08
More results


Similar Description - RMB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RMB2S GOOD-ARK-RMB2S_15 Datasheet
133Kb / 2P
   Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere
MB2S GOOD-ARK-MB2S Datasheet
146Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
BA157G GOOD-ARK-BA157G Datasheet
172Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
BA157G GOOD-ARK-BA157G_15 Datasheet
172Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
1N4942G GOOD-ARK-1N4942G_15 Datasheet
169Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 1.0 Ampere
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Kingtronics Internation...
MB1S-MB10S KINGTRONICS-MB1S-MB10S Datasheet
375Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE: 100 to 1000 Volts FORWARD CURRENT: 0.8 Ampere
logo
GOOD-ARK Electronics
BA157 GOOD-ARK-BA157_15 Datasheet
177Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
1N4933G GOOD-ARK-1N4933G_15 Datasheet
178Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com