Electronic Components Datasheet Search |
|
STB85NF55 Datasheet (PDF) - STMicroelectronics |
STB85NF55 Datasheet (PDF) |
Download Datasheet |
Part # | STB85NF55 |
Download | STB85NF55 Click to download |
File Size | 376.75 Kbytes |
Page | 10 Pages |
Manufacturer | STMICROELECTRONICS [STMicroelectronics] |
Direct Link | http://www.st.com |
Logo | |
Description | N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET |
STB85NF55 Datasheet (HTML) - STMicroelectronics |
STB85NF55 Product details |
|
Similar Part No. - STB85NF55 |
|
Similar Description - STB85NF55 |
|
About STMicroelectronics |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |