Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1883 Datasheet (PDF) - Analog Devices

AD1883 Datasheet PDF - Analog Devices
Part # AD1883
Download  AD1883 Download

File Size   298.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1883 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1883 Datasheet PDF - Analog Devices

Part # AD1883
Download  AD1883 Click to download

File Size   298.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Definition Audio SoundMAX Codec

AD1883 Datasheet (HTML) - Analog Devices

Back Button AD1883 Datasheet HTML 1Page - Analog Devices AD1883 Datasheet HTML 2Page - Analog Devices AD1883 Datasheet HTML 3Page - Analog Devices AD1883 Datasheet HTML 4Page - Analog Devices AD1883 Datasheet HTML 5Page - Analog Devices AD1883 Datasheet HTML 6Page - Analog Devices AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices AD1883 Datasheet HTML 10Page - Analog Devices Next Button 

AD1883 Product details

GENERAL DESCRIPTION

The AD1883 audio codec and SoundMAX® software provide superior high definition audio quality that exceeds Vista Premium performance for notebooks. The AD1883 has two 192 kHz DAC pairs, two 192 kHz ADC pairs, a S/PDIF output, a 2-channel digital microphone interface, and digital and analog PCBeep. These features make the AD1883 the right choice for notebook PCs that meet Microsoft Vista Premium performance as well as desktop PCs that meet Microsoft Vista Basic performance.



FEATURES

  Microsoft Vista Premium Logo for notebook 90+ dB audio outputs, 85 dB audio inputs WLP 3.0 and 4.0

  2 stereo headphone amplifiers

  Internal 32-bit arithmetic for greater accuracy

  Impedance and presence detection on all jacks

  Full analog mixer with DAC inputs

  3 independent microphone bias pins

  Digital and analog PCBeep

  3 general-purpose digital I/O (GPIO) pins

  3.3 V analog supply voltage

  1.7 V to 1.9 V or 3.3 V digital supply voltages

  1.5 V or 3.3 V HD Audio link signaling voltage

  Advanced power management modes

  48-lead, RoHs compliant LFCSP_VQ package



192 kHz DACs/ADCs

  2 independent stereo DAC/ADC pairs

  Simultaneous record of 2 stereo channels

  Simultaneous playback of 2 stereo channels

  Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz sample rates

  16-, 20-, and 24-bit resolution

  Selectable stereo mixer on outputs



STEREO DIGITAL MICROPHONE INTERFACE

  2 digital microphone channels

  Supports 1 or 2 microphones per pin

  Selectable clock rates of 1.5 MHz, 2.0 MHz, and 3.0 MHz

  Mono and stereo array support

  8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz sample rates

  16-, 20-, and 24-bit resolution



S/PDIF OUTPUT

  Supports 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz sample rates

  16-, 20-, and 24-bit data; PCM and AC3 formats

  Digital PCM gain control



AUXILIARY PINS

  Stereo CD/auxiliary I/O port with ground sense

  Stereo auxiliary/dock I/O port

  Mono out pin for internal speakers or telephony



 




Similar Part No. - AD1883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881 AD-AD1881 Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1881 AD-AD1881 Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1881AJST AD-AD1881AJST Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com