Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC226M06B12T Datasheet (PDF) - Cornell Dubilier Electronics

AFC226M06B12T Datasheet PDF - Cornell Dubilier Electronics
Part # AFC226M06B12T
Download  AFC226M06B12T Download

File Size   476.48 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C

AFC226M06B12T Datasheet (PDF)

Go To PDF Page Download Datasheet
AFC226M06B12T Datasheet PDF - Cornell Dubilier Electronics

Part # AFC226M06B12T
Download  AFC226M06B12T Click to download

File Size   476.48 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C

AFC226M06B12T Datasheet (HTML) - Cornell Dubilier Electronics

AFC226M06B12T Datasheet HTML 1Page - Cornell Dubilier Electronics AFC226M06B12T Datasheet HTML 2Page - Cornell Dubilier Electronics AFC226M06B12T Datasheet HTML 3Page - Cornell Dubilier Electronics AFC226M06B12T Datasheet HTML 4Page - Cornell Dubilier Electronics

AFC226M06B12T Product details

Type AFC Capacitors are the choice for high-frequency filtering. At 100 kHz, most ratings can handle more than twice the ripple current of type AHA. With solid performance at temperatures down to –55 ° C, Type AFC has more than 90% capacitance retention at –20 ° C and 1 kHz. With low impedance to beyond 100 kHz, it is ideal for higher power DC/DC converters. The vertical cylindrical cases make for easy automatic mounting and reflow soldering, and offer big savings and higher capacitance compared to tantalum capacitors.

Highlights

• +105°C, Up to 1000 Hour Load Life

• Capacitance Range: 1 µF to 1500 µF

• Voltage Range: 6.3 Vdc to 50 Vdc

 




Similar Part No. - AFC226M06B12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC226M06B12T CDE-AFC226M06B12T Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AFC226M06B12T-F CDE-AFC226M06B12T-F Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results


Similar Description - AFC226M06B12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
RFE international
RZW RFE-RZW Datasheet
1Mb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
16-NOV-2023
logo
Cornell Dubilier Electr...
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com