Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD7NB60H-1 Datasheet (PDF) - STMicroelectronics

STGD7NB60H-1 Datasheet PDF - STMicroelectronics
Part # STGD7NB60H-1
Download  STGD7NB60H-1 Download

File Size   86.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 7A - 600V IPAK PowerMESH IGBT

STGD7NB60H-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGD7NB60H-1 Datasheet PDF - STMicroelectronics

Part # STGD7NB60H-1
Download  STGD7NB60H-1 Click to download

File Size   86.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 7A - 600V IPAK PowerMESH IGBT

STGD7NB60H-1 Datasheet (HTML) - STMicroelectronics

STGD7NB60H-1 Datasheet HTML 1Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 2Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 3Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 4Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 5Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 6Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 7Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 8Page - STMicroelectronics

STGD7NB60H-1 Product details

DESCRIPTION

Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESH IGBTs, with outstanding perfomances. The suffix "H" identifies a family optimized to achieve very low switching times for high frequency applications (<120kHz).



■ HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)

■ LOW ON-VOLTAGE DROP (Vcesat)

■ LOW GATE CHARGE

■ HIGH CURRENT CAPABILITY

■ VERY HIGH FREQUENCY OPERATION

■ OFF LOSSES INCLUDE TAIL CURRENT

■ THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX"-1")



APPLICATIONS

■ HIGH FREQUENCY MOTOR CONTROLS

■ SMPS AND PFC IN BOTH HARD SWITCH AND RESONANT TOPOLOGIES



 




Similar Part No. - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
More results


Similar Description - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
   N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
   N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com