Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074IYD Datasheet (PDF) - STMicroelectronics

TL074IYD Datasheet PDF - STMicroelectronics
Part # TL074IYD
Download  TL074IYD Download

File Size   307.89 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise JFET quad operational amplifier

TL074IYD Datasheet (PDF)

Go To PDF Page Download Datasheet
TL074IYD Datasheet PDF - STMicroelectronics

Part # TL074IYD
Download  TL074IYD Click to download

File Size   307.89 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise JFET quad operational amplifier

TL074IYD Datasheet (HTML) - STMicroelectronics

Back Button TL074IYD Datasheet HTML 1Page - STMicroelectronics TL074IYD Datasheet HTML 2Page - STMicroelectronics TL074IYD Datasheet HTML 3Page - STMicroelectronics TL074IYD Datasheet HTML 4Page - STMicroelectronics TL074IYD Datasheet HTML 5Page - STMicroelectronics TL074IYD Datasheet HTML 6Page - STMicroelectronics TL074IYD Datasheet HTML 7Page - STMicroelectronics TL074IYD Datasheet HTML 8Page - STMicroelectronics TL074IYD Datasheet HTML 9Page - STMicroelectronics TL074IYD Datasheet HTML 10Page - STMicroelectronics Next Button 

TL074IYD Product details

Description
The TL074, TL074A and TL074B are high-speed JFET input single operational amplifiers. Each of these JFET input operational amplifiers incorporates well matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit.
The devices feature high slew rates, low input bias and offset currents, and low offset voltage temperature coefficient.

Features
■ Wide common-mode (up to VCC+) and differential voltage range
■ Low input bias and offset current
■ Low noise en = 15 nV/ √Hz (typ)
■ Output short-circuit protection
■ High input impedance JFET input stage
■ Low harmonic distortion : 0.01% (typical)
■ Internal frequency compensation
■ Latch up free operation
■ High slew rate: 16 V/µs (typical)




Similar Part No. - TL074IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL074IYDT STMICROELECTRONICS-TL074IYDT Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Similar Description - TL074IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
logo
NTE Electronics
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
logo
Texas Instruments
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
   Quad Operational Amplifier (JFET)
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Texas Instruments
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
   Quad Operational Amplifier (JFET)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com