Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-SF50+ Datasheet (PDF) - Mini-Circuits

SF-SF50+ Datasheet PDF - Mini-Circuits
Part # SF-SF50+
Download  SF-SF50+ Download

File Size   132.11 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Adapter, SMA-F to SMA-F

SF-SF50+ Datasheet (PDF)

Go To PDF Page Download Datasheet
SF-SF50+ Datasheet PDF - Mini-Circuits

Part # SF-SF50+
Download  SF-SF50+ Click to download

File Size   132.11 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Adapter, SMA-F to SMA-F

SF-SF50+ Datasheet (HTML) - Mini-Circuits

SF-SF50+ Datasheet HTML 1Page - Mini-Circuits

SF-SF50+ Product details

Features
• flat response
• excellent VSWR, 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz
• low cost adapters, available from stock
• rugged stainless steel body, gold plated

Applications
• interconnection of RF cables and equipment




Similar Part No. - SF-SF50+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
   Adapter, SMA-F to SMA-F 50W DC to 18 GHz
More results


Similar Description - SF-SF50+

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
   SMA F TO SMA F STR. ADAPTER
04/21
logo
Mini-Circuits
SM-BF50++ MINI-SM-BF50+ Datasheet
102Kb / 1P
   Coaxial Adapter, SMA-M to BNC-F
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
   Adapter SMP-F to SMA-F
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
   Adapter SMA-F to SMA-FRP
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
   Adapter SMA-F to SMA-MRP
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
   Adapter - RAD-ADP-SMA/F-SMA/F
logo
Winchester Electronics ...
TRU-11256 WINCHESTER-TRU-11256 Datasheet
56Kb / 1P
   CONNECTOR, COAXIAL 2.4mm(m) to SMA(f) ADAPTER
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
   Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
   Adapter SMP-F to SMA-M
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
   ADAPTER TNC (F) TO SMA (M)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com