Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT367 Datasheet (PDF) - STMicroelectronics

M74HCT367 Datasheet PDF - STMicroelectronics
Part # M74HCT367
Download  M74HCT367 Download

File Size   203.35 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING

M74HCT367 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT367 Datasheet PDF - STMicroelectronics

Part # M74HCT367
Download  M74HCT367 Click to download

File Size   203.35 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING

M74HCT367 Datasheet (HTML) - STMicroelectronics

M74HCT367 Datasheet HTML 1Page - STMicroelectronics M74HCT367 Datasheet HTML 2Page - STMicroelectronics M74HCT367 Datasheet HTML 3Page - STMicroelectronics M74HCT367 Datasheet HTML 4Page - STMicroelectronics M74HCT367 Datasheet HTML 5Page - STMicroelectronics M74HCT367 Datasheet HTML 6Page - STMicroelectronics M74HCT367 Datasheet HTML 7Page - STMicroelectronics M74HCT367 Datasheet HTML 8Page - STMicroelectronics M74HCT367 Datasheet HTML 9Page - STMicroelectronics

M74HCT367 Product details

DESCRIPTION

The M74HCT367 is an high speed CMOS HEX BUS BUFFER 3-STATE OUTPUTS fabricated with silicon gate C2MOS technology.



■ HIGH SPEED:

  tPD = 14ns (TYP.) at VCC = 4.5V

■ LOW POWER DISSIPATION:

  ICC = 4µA(MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS :

   VIH = 2V (MIN.) VIL = 0.8V (MAX)

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 6mA (MIN)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 367



 




Similar Part No. - M74HCT367

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
248Kb / 11P
   HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
M74HCT367B1R STMICROELECTRONICS-M74HCT367B1R Datasheet
248Kb / 11P
   HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
M74HCT367C1R STMICROELECTRONICS-M74HCT367C1R Datasheet
248Kb / 11P
   HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
M74HCT367M1R STMICROELECTRONICS-M74HCT367M1R Datasheet
248Kb / 11P
   HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING
More results


Similar Description - M74HCT367

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC367 STMICROELECTRONICS-M74HC367 Datasheet
242Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
M54HC367 STMICROELECTRONICS-M54HC367_04 Datasheet
246Kb / 11P
   RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com