Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2044 Datasheet (PDF) - STMicroelectronics

ST2044 Datasheet PDF - STMicroelectronics
Part # ST2044
Download  ST2044 Download

File Size   199.31 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current limited Power distribution switches

ST2044 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2044 Datasheet PDF - STMicroelectronics

Part # ST2044
Download  ST2044 Click to download

File Size   199.31 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current limited Power distribution switches

ST2044 Datasheet (HTML) - STMicroelectronics

Back Button ST2044 Datasheet HTML 1Page - STMicroelectronics ST2044 Datasheet HTML 2Page - STMicroelectronics ST2044 Datasheet HTML 3Page - STMicroelectronics ST2044 Datasheet HTML 4Page - STMicroelectronics ST2044 Datasheet HTML 5Page - STMicroelectronics ST2044 Datasheet HTML 6Page - STMicroelectronics ST2044 Datasheet HTML 7Page - STMicroelectronics ST2044 Datasheet HTML 8Page - STMicroelectronics ST2044 Datasheet HTML 9Page - STMicroelectronics ST2044 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST2044 Product details

Description
The ST2044 power distribution switches is intended for application where heavy capacitive loads and short circuits are likely to be encountered. These devices incorporate 80mΩ N-channel MOSFET high-side power switches for power-distribution systems that require multiple powers switches in a single package. Each switch is controlled by an independent logic enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise times and fall times to minimize current surges during switching. The charge pump requires no external components and allows operation from supplies as low as 2.7 V.

Features
■ 80mΩ high-side MOSFET switch
■ 500mA continuos current per channel
■ independent thermal and short-circuit protection with overcurrent logic output
■ Operating range from 2.7V to 5.5V
■ CMOS- and TTL-compatible enable inputs
■ 10ms OC_N fault blanking
■ 2.5ms typical rise time
■ Under voltage lock out
■ 20µA maximum standby supply current
■ Ambient temperature range, -40°C to 85°C
■ ESD protection




Similar Part No. - ST2044

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2041 STMICROELECTRONICS-ST2041 Datasheet
269Kb / 13P
   CMOS- and TTL-compatible enable inputs
November 2010 Rev 3
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
ST2042 STMICROELECTRONICS-ST2042 Datasheet
175Kb / 12P
   Enhanced power switch
ST2042BD STMICROELECTRONICS-ST2042BD Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
ST2042BD STMICROELECTRONICS-ST2042BD Datasheet
175Kb / 12P
   Enhanced power switch
More results


Similar Description - ST2044

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com