Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1C2 Datasheet (PDF) - STMicroelectronics

ESDALC6V1C2 Datasheet PDF - STMicroelectronics
Part # ESDALC6V1C2
Download  ESDALC6V1C2 Download

File Size   88.05 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad low capacitance TRANSIL array for ESD protection

ESDALC6V1C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC6V1C2 Datasheet PDF - STMicroelectronics

Part # ESDALC6V1C2
Download  ESDALC6V1C2 Click to download

File Size   88.05 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad low capacitance TRANSIL array for ESD protection

ESDALC6V1C2 Datasheet (HTML) - STMicroelectronics

ESDALC6V1C2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1C2 Datasheet HTML 7Page - STMicroelectronics

ESDALC6V1C2 Product details

Description
The ESDALC6V1C2 is a monolithic array designed to protect up to 4 lines againast ESD transients. The device is ideal for applications where both reduced line capacitance and board space saving are required.

Features
■ 4 unidirectional TRANSIL functions.
■ Breakdown voltage VBR = 6.1 V min.
    – Low diode capacitance (12 pF @ 0 V)
    – Low leakage current (< 500 nA @ 3 V)
    – very small PCB area (1.33 mm2)
■ Coated lead free package

Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems and cellular phones
■ Video equipment
This device is particularly adapted to the protection of symmetrical signals




Similar Part No. - ESDALC6V1C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
178Kb / 10P
   Single line low capacitance Transil for ESD protection
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
   Single line low capacitance TRANSIL??for ESD protection
More results


Similar Description - ESDALC6V1C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
   QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
   QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
   Low capacitance TRANSIL??array for ESD protection
Rev 1 December 2005
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
   Dual low capacitance Transil array for ESD protection
January 2006
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
   Quad Transil array for ESD protection
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com