Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16N10L Datasheet (PDF) - STMicroelectronics

STP16N10L Datasheet PDF - STMicroelectronics
Part # STP16N10L
Download  STP16N10L Download

File Size   50.24 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR

STP16N10L Datasheet (PDF)

Go To PDF Page Download Datasheet
STP16N10L Datasheet PDF - STMicroelectronics

Part # STP16N10L
Download  STP16N10L Click to download

File Size   50.24 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR

STP16N10L Datasheet (HTML) - STMicroelectronics

STP16N10L Datasheet HTML 1Page - STMicroelectronics STP16N10L Datasheet HTML 2Page - STMicroelectronics STP16N10L Datasheet HTML 3Page - STMicroelectronics STP16N10L Datasheet HTML 4Page - STMicroelectronics STP16N10L Datasheet HTML 5Page - STMicroelectronics

STP16N10L Product details

N - CHANNEL 100V - 0.14 Ω - 16A - TO-220 POWER MOS TRANSISTOR

■ TYPICAL RDS(on) = 0.14 Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ REPETITIVE AVALANCHE DATA AT 100oC
■ HIGH CURRENT CAPABILITY
■ 175°C OPERATING TEMPERATURE
■ HIGH dV/dt RUGGEDNESS
■ APPLICATION ORIENTED CHARACTERIZATION

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ POWER MOTOR CONTROL
■ DC-DC & DC-AC CONVERTERS
■ SYNCRONOUS RECTIFICATION




Similar Part No. - STP16N10L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP16N10L VBSEMI-STP16N10L Datasheet
939Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results


Similar Description - STP16N10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N10 STMICROELECTRONICS-STP45N10 Datasheet
431Kb / 10P
   N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
STP4N20 STMICROELECTRONICS-STP4N20 Datasheet
82Kb / 8P
   N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
logo
Fairchild Semiconductor
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
logo
STMicroelectronics
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com