Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1130 Datasheet (PDF) - Advanced Analogic Technologies

AAT1130 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1130
Download  AAT1130 Download

File Size   4025.17 Kbytes
Page   19 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 2.5MHz 500mA Step-Down DC/DC Converter

AAT1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1130 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1130
Download  AAT1130 Click to download

File Size   4025.17 Kbytes
Page   19 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 2.5MHz 500mA Step-Down DC/DC Converter

AAT1130 Datasheet (HTML) - Advanced Analogic Technologies

Back Button AAT1130 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button 



Similar Part No. - AAT1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
AAT1130IJQ-0.6-T1 SKYWORKS-AAT1130IJQ-0.6-T1 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
More results


Similar Description - AAT1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
   500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com