Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78S24 Datasheet (PDF) - STMicroelectronics

L78S24 Datasheet PDF - STMicroelectronics
Part # L78S24
Download  L78S24 Download

File Size   1322.36 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A positive voltage regulators

L78S24 Datasheet (PDF)

Go To PDF Page Download Datasheet
L78S24 Datasheet PDF - STMicroelectronics

Part # L78S24
Download  L78S24 Click to download

File Size   1322.36 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 A positive voltage regulators

L78S24 Datasheet (HTML) - STMicroelectronics

Back Button L78S24 Datasheet HTML 1Page - STMicroelectronics L78S24 Datasheet HTML 2Page - STMicroelectronics L78S24 Datasheet HTML 3Page - STMicroelectronics L78S24 Datasheet HTML 4Page - STMicroelectronics L78S24 Datasheet HTML 5Page - STMicroelectronics L78S24 Datasheet HTML 6Page - STMicroelectronics L78S24 Datasheet HTML 7Page - STMicroelectronics L78S24 Datasheet HTML 8Page - STMicroelectronics L78S24 Datasheet HTML 9Page - STMicroelectronics L78S24 Datasheet HTML 10Page - STMicroelectronics Next Button 

L78S24 Product details

Description

The L78Sxx series of three-terminal positive regulators is available in TO-220 and TO-3 packages and with several fixed output voltages, making it useful in a wide range of applications.

These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shutdown and safe area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 2 A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents.



Features

■ Output current to 2 A

■ Output voltages of 5; 7.5; 9; 10; 12; 15; 18; 24 V

■ Thermal overload protection

■ Short circuit protection

■ Output transition SOA protection



 




Similar Part No. - L78S24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S24 STMICROELECTRONICS-L78S24 Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24 STMICROELECTRONICS-L78S24 Datasheet
1Mb / 39P
   2 A positive voltage regulators
L78S24C STMICROELECTRONICS-L78S24C Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24C STMICROELECTRONICS-L78S24C Datasheet
1Mb / 39P
   2 A positive voltage regulators
L78S24C STMICROELECTRONICS-L78S24C Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
More results


Similar Description - L78S24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com