Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA021-035-32-15 Datasheet (PDF) - Transcom, Inc.

TA021-035-32-15 Datasheet PDF - Transcom, Inc.
Part # TA021-035-32-15
Download  TA021-035-32-15 Download

File Size   35.21 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.1 - 3.5 GHz 15 dBm Amplifier

TA021-035-32-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA021-035-32-15 Datasheet PDF - Transcom, Inc.

Part # TA021-035-32-15
Download  TA021-035-32-15 Click to download

File Size   35.21 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.1 - 3.5 GHz 15 dBm Amplifier

TA021-035-32-15 Datasheet (HTML) - Transcom, Inc.

TA021-035-32-15 Datasheet HTML 1Page - Transcom, Inc.



Similar Part No. - TA021-035-32-15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0213A TAI-SAW-TA0213A Datasheet
448Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
More results


Similar Description - TA021-035-32-15

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA020-100-30-15 TRANSCOM-TA020-100-30-15 Datasheet
16Kb / 1P
   2 - 10 GHz 15 dBm Amplifier
TM025-035-14-32 TRANSCOM-TM025-035-14-32 Datasheet
23Kb / 1P
   2.5 - 3.5 GHz 32.5 dBm Module
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Pasternack Enterprises,...
PE15A1006 PASTERNACK-PE15A1006 Datasheet
474Kb / 6P
   40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC MIMIX-CMM3566-LC Datasheet
271Kb / 5P
   3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
logo
Cree, Inc
CMPA2735015D CREE-CMPA2735015D Datasheet
537Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com