Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA031-035-30-30 Datasheet (PDF) - Transcom, Inc.

TA031-035-30-30 Datasheet PDF - Transcom, Inc.
Part # TA031-035-30-30
Download  TA031-035-30-30 Download

File Size   17.84 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 3.1 - 3.5 GHz 1W Amplifier

TA031-035-30-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA031-035-30-30 Datasheet PDF - Transcom, Inc.

Part # TA031-035-30-30
Download  TA031-035-30-30 Click to download

File Size   17.84 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 3.1 - 3.5 GHz 1W Amplifier

TA031-035-30-30 Datasheet (HTML) - Transcom, Inc.

TA031-035-30-30 Datasheet HTML 1Page - Transcom, Inc.



Similar Part No. - TA031-035-30-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-40 TRANSCOM-TA031-035-43-40 Datasheet
48Kb / 2P
   3.1 ??3.5 GHz 10 W Solid State Power Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
More results


Similar Description - TA031-035-30-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
logo
Tyco Electronics
MAAPGM0029-DIE MACOM-MAAPGM0029-DIE Datasheet
213Kb / 5P
   Amplifier, Power, 1W 3.5-6.5 GHz
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2814-SM TRIQUINT-TGA2814-SM_15 Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
   3.1 - 3.5 GHz LNA Module
TA031-035-43-40 TRANSCOM-TA031-035-43-40 Datasheet
48Kb / 2P
   3.1 ??3.5 GHz 10 W Solid State Power Amplifier
TC1037 TRANSCOM-TC1037 Datasheet
158Kb / 4P
   3.1 - 3.5 GHz 16W HPA MMIC
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com