Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP049-051-16-40 Datasheet (PDF) - Transcom, Inc.

TMP049-051-16-40 Datasheet PDF - Transcom, Inc.
Part # TMP049-051-16-40
Download  TMP049-051-16-40 Download

File Size   18.38 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 10 W GaAs PA PCB Module for 5 GHz Application

TMP049-051-16-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP049-051-16-40 Datasheet PDF - Transcom, Inc.

Part # TMP049-051-16-40
Download  TMP049-051-16-40 Click to download

File Size   18.38 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 10 W GaAs PA PCB Module for 5 GHz Application

TMP049-051-16-40 Datasheet (HTML) - Transcom, Inc.

TMP049-051-16-40 Datasheet HTML 1Page - Transcom, Inc.



Similar Part No. - TMP049-051-16-40

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TMP049-051-08-40 TRANSCOM-TMP049-051-08-40 Datasheet
18Kb / 1P
   10 W GaAs PA PCB Module for 5 GHz Application
More results


Similar Description - TMP049-051-16-40

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TMP049-051-08-40 TRANSCOM-TMP049-051-08-40 Datasheet
18Kb / 1P
   10 W GaAs PA PCB Module for 5 GHz Application
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
TriQuint Semiconductor
QPA2705 TRIQUINT-QPA2705 Datasheet
715Kb / 12P
   5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
logo
RF Micro Devices
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
   3V W-CDMA BAND 5 LINEAR PA MODULE
logo
Pulse A Technitrol Comp...
W3525B PULSE-W3525B Datasheet
245Kb / 3P
   PCB Antenna for 2.4 GHz Application
logo
Transcom, Inc.
TC3953 TRANSCOM-TC3953 Datasheet
83Kb / 2P
   1 W Single-Bias GaAs Power PHEMTs prematched for 5~8 GHz
logo
Analog Devices
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
   10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
logo
Qorvo, Inc
QPA4501 QORVO-QPA4501 Datasheet
805Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
logo
TriQuint Semiconductor
QPA3503 TRIQUINT-QPA3503 Datasheet
1Mb / 12P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
Qorvo, Inc
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com