Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS9933BZ Datasheet (PDF) - Fairchild Semiconductor

FDS9933BZ Datasheet PDF - Fairchild Semiconductor
Part # FDS9933BZ
Download  FDS9933BZ Download

File Size   292.18 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET

FDS9933BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS9933BZ Datasheet PDF - Fairchild Semiconductor

Part # FDS9933BZ
Download  FDS9933BZ Click to download

File Size   292.18 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET

FDS9933BZ Datasheet (HTML) - Fairchild Semiconductor

FDS9933BZ Datasheet HTML 1Page - Fairchild Semiconductor FDS9933BZ Datasheet HTML 2Page - Fairchild Semiconductor FDS9933BZ Datasheet HTML 3Page - Fairchild Semiconductor FDS9933BZ Datasheet HTML 4Page - Fairchild Semiconductor FDS9933BZ Datasheet HTML 5Page - Fairchild Semiconductor FDS9933BZ Datasheet HTML 6Page - Fairchild Semiconductor

FDS9933BZ Product details

General Description

These P-Channel 2.5V specified MOSFETs are produced using Fairchild Semiconductor’s advanced PowerTrench® process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. These devices are well suited for portable electronics applications: load switching and power management, battery charging and protection circuits.



Features

Max rDS(on)= 46mΩat VGS= -4.5V, ID= -4.9A

Max rDS(on)= 69mΩat VGS= -2.5V, ID= -4.0A

Low gate charge (11nC typical).

High performance trench technology for extremely low rDS(on).

HBM ESD protection level >3kV (Note 3).

RoHS Compliant




Similar Part No. - FDS9933BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9933-NL VBSEMI-FDS9933-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9933A FAIRCHILD-FDS9933A Datasheet
191Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9933A-NL VBSEMI-FDS9933A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS9933BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2511NZ FAIRCHILD-FDW2511NZ_08 Datasheet
493Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench짰 MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDY2000PZ FAIRCHILD-FDY2000PZ Datasheet
204Kb / 6P
   Dual P-Channel (-2.5V) Specified PowerTrenchR MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI6943DQ FAIRCHILD-SI6943DQ Datasheet
80Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com