Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ1905PZ Datasheet (PDF) - Fairchild Semiconductor

FDZ1905PZ Datasheet PDF - Fairchild Semiconductor
Part # FDZ1905PZ
Download  FDZ1905PZ Download

File Size   297.66 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓

FDZ1905PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ1905PZ Datasheet PDF - Fairchild Semiconductor

Part # FDZ1905PZ
Download  FDZ1905PZ Click to download

File Size   297.66 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓

FDZ1905PZ Datasheet (HTML) - Fairchild Semiconductor

FDZ1905PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 6Page - Fairchild Semiconductor

FDZ1905PZ Product details

General Description
This device is designed specifically as a single package solution for the battery charge switch in cellular handset and other ultra-portable applications. It features two common drain P-channel MOSFETs, which enables bidirectional current flow, on Fairchild’s advanced 1.5V PowerTrench® process with state of the art “low pitch” WL-CSP packaging process, the FDZ1905PZ minimizes both PCB space and rS1S2(on). This advanced WL-CSP MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, ultra-low profile packaging, low gate charge, and low rS1S2(on) .

Features
■ Max rS1S2(on) = 126mΩ at VGS = –4.5V, IS1S2 = –1A
■ Max rS1S2(on) = 141mΩ at VGS = –2.5V, IS1S2 = –1A
■ Max rS1S2(on) = 198mΩ at VGS = –1.8V, IS1S2 = –1A
■ Max rS1S2(on) = 303mΩ at VGS = –1.5V, IS1S2 = –1A
■ Occupies only 1.5 mm2 of PCB area, less than 50% of the area of 2 x 2 BGA
■ Ultra-thin package: less than 0.65 mm height when mounted to PCB
■ High power and current handling capability
■ HBM ESD protection level > 4kV (Note 3)
■ RoHS Compliant

Applications
■ Battery management
■ Load switch
■ Battery protection




Similar Part No. - FDZ1905PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
More results


Similar Description - FDZ1905PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ1323NZ FAIRCHILD-FDZ1323NZ Datasheet
363Kb / 7P
   Common Drain N-Channel 2.5 V PowerTrench WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDMC3300NZA FAIRCHILD-FDMC3300NZA_07 Datasheet
244Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDG332PZ FAIRCHILD-FDG332PZ Datasheet
458Kb / 6P
   P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
FDMA510PZ FAIRCHILD-FDMA510PZ Datasheet
752Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com