Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33975EKR2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33975EKR2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33975EKR2
Download  MC33975EKR2 Download

File Size   1313.0 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current

MC33975EKR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33975EKR2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33975EKR2
Download  MC33975EKR2 Click to download

File Size   1313.0 Kbytes
Page   34 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current

MC33975EKR2 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC33975EKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33975EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC33975EKR2 Product details

The 33975 Multiple Switch Detection Interface with Suppressed Wake-up is designed to detect the closing and opening of up to 22 switch contacts. The switch status, either open or closed, is transferred to the microprocessor unit (MCU) through a serial peripheral interface (SPI). The device also features a 22-to-1 analog multiplexer for reading inputs as analog.
The 33975 device has two modes of operation, Normal and Sleep. Normal Mode allows programming of the device and supplies switch contacts with pull-up or pull-down current as it monitors the switch change of state. The Sleep Mode provides low quiescent current, which makes the 33975 ideal for automotive and industrial products requiring low sleep state currents.
Improvements are a programmable interrupt timer for Sleep Mode that can be disabled, switch detection currents of 32mA and 4.0mA for switch-to-ground inputs, and an interrupt bit that can be reset.

Features
• Designed to operate from 5.5V ≤ VPWR ≤ 28V
• Switch input voltage: (33975: -14 to 38V) (33975A: -14 to 40V)
• Interfaces to microprocessor using 3.3V/5.0V SPI protocol
• Selectable wake-up on change of state
• 14 switch-to-ground inputs
• 8 programmable inputs (switches to battery or ground)
• Selectable wetting current (32mA or 4.0mA for switch-to-ground
   inputs)
• Sleep State current VPWR 100μA, Vdd 20μA
• Pb-free packaging designated by suffix code EK




Similar Part No. - MC33975EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33975EK FREESCALE-MC33975EK Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
More results


Similar Description - MC33975EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com