Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1340 Datasheet (PDF) - Renesas Technology Corp

2SK1340 Datasheet PDF - Renesas Technology Corp
Part # 2SK1340
Download  2SK1340 Download

File Size   89.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET

2SK1340 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1340 Datasheet PDF - Renesas Technology Corp

Part # 2SK1340
Download  2SK1340 Click to download

File Size   89.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET

2SK1340 Datasheet (HTML) - Renesas Technology Corp

2SK1340 Datasheet HTML 1Page - Renesas Technology Corp 2SK1340 Datasheet HTML 2Page - Renesas Technology Corp 2SK1340 Datasheet HTML 3Page - Renesas Technology Corp 2SK1340 Datasheet HTML 4Page - Renesas Technology Corp 2SK1340 Datasheet HTML 5Page - Renesas Technology Corp 2SK1340 Datasheet HTML 6Page - Renesas Technology Corp 2SK1340 Datasheet HTML 7Page - Renesas Technology Corp

2SK1340 Product details

* Output current up to 100 mA



* Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18;24 V



* Thermal overload protection



* Short-circuit protection



* No external components are required



* Available in either ± 4% (AC) or ± 8% (C) selection




Similar Part No. - 2SK1340

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1340 HITACHI-2SK1340 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1340 ISC-2SK1340 Datasheet
67Kb / 2P
   Fast Switching Speed
More results


Similar Description - 2SK1340

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com