Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT374 Datasheet (PDF) - Renesas Technology Corp

HD74HCT374 Datasheet PDF - Renesas Technology Corp
Part # HD74HCT374
Download  HD74HCT374 Download

File Size   118.13 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with inverted 3-state outputs)

HD74HCT374 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT374 Datasheet PDF - Renesas Technology Corp

Part # HD74HCT374
Download  HD74HCT374 Click to download

File Size   118.13 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with inverted 3-state outputs)

HD74HCT374 Datasheet (HTML) - Renesas Technology Corp

HD74HCT374 Datasheet HTML 1Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 2Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 3Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 4Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 5Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 6Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 7Page - Renesas Technology Corp HD74HCT374 Datasheet HTML 8Page - Renesas Technology Corp

HD74HCT374 Product details

Description

These device are positive edge triggered flip-flops. The difference between HD74HCT374 and HD74HCT534 is only that the former is a true outputs and the latter is a false outputs. Data at the D inputs, meeting the setup and hold time requirements, are transferred to the Q outputs on positive going transitions of the clock (CK) input. When a high logic level is applied to the output control (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.



Features

• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility

• High Speed Operation: tpd (Clock to Q) = 15 ns typ (CL = 50 pF)

• High Output Current: Fanout of 15 LSTTL Loads

• Wide Operating Voltage: VCC = 4.5 to 5.5 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)



 




Similar Part No. - HD74HCT374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
   Octal D-type Flip-Flops(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT374FPEL RENESAS-HD74HCT374FPEL Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374P RENESAS-HD74HCT374P Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374RPEL RENESAS-HD74HCT374RPEL Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374TELL RENESAS-HD74HCT374TELL Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Similar Description - HD74HCT374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
   Octal D-type Flip-Flops(with inverted 3-state outputs)
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com