Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62353AGP Datasheet (PDF) - Renesas Technology Corp

M62353AGP Datasheet PDF - Renesas Technology Corp
Part # M62353AGP
Download  M62353AGP Download

File Size   113.49 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 8ch D/A Converter with Buffer Amplifiers

M62353AGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62353AGP Datasheet PDF - Renesas Technology Corp

Part # M62353AGP
Download  M62353AGP Click to download

File Size   113.49 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 8ch D/A Converter with Buffer Amplifiers

M62353AGP Datasheet (HTML) - Renesas Technology Corp

M62353AGP Datasheet HTML 1Page - Renesas Technology Corp M62353AGP Datasheet HTML 2Page - Renesas Technology Corp M62353AGP Datasheet HTML 3Page - Renesas Technology Corp M62353AGP Datasheet HTML 4Page - Renesas Technology Corp M62353AGP Datasheet HTML 5Page - Renesas Technology Corp M62353AGP Datasheet HTML 6Page - Renesas Technology Corp M62353AGP Datasheet HTML 7Page - Renesas Technology Corp M62353AGP Datasheet HTML 8Page - Renesas Technology Corp M62353AGP Datasheet HTML 9Page - Renesas Technology Corp

M62353AGP Product details

Description
M62353A is a CMOS structured semiconductor integrated circuit integrating 8 channels of built-in D/A converters with high performance buffer operational amplifier for each channel output.
The 3-wire serial interface (DI, CLK, LD) method is used for the transfer format of digital data to allow connection with microcomputer with minimum wiring. DO terminal is provided to allow cascading serial use.
Built-in buffer operational amplifiers are designed to operate or full swing in the whole voltage range from VCC to GND for each input/output. And their higher stability for capacitive load perfectly fits in to the use for electronic volume (VCA) or the replacement for semi-variable resistor for tuning.

Features
• 12-bit serial data input (3 wire serial data transfer method, DI, CLK, LD)
• Corresponds to TTL input for digital input (VINH ≥ 2 V, VINL ≤ 0.8 V)
• R-2R + segment method high performance 8ch 8-bit D/A converters
• 8ch buffer operational amplifiers operating in the whole voltage range from VCC to GND
• Buffer operational amplifiers with high oscillation stability for capacitive load

Application
   Adjustment or control of industrial or home-use electronic equipments such as VTR camera, VTR set, TV, and CRT display.




Similar Part No. - M62353AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62353AGP MITSUBISHI-M62353AGP Datasheet
565Kb / 6P
   8BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62353AGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62359P MITSUBISHI-M62359P Datasheet
58Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com