Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2N3790
(3)
2N3791
(4)
2N3792
(6)
2N3798
(2)
2N3799
(4)
2N3792 - POWER TRANSISTORS(10A,150W) - Mospec Semiconductor
Click Here View
2N3792
Datasheet
Part No.
2N3792
Description
POWER TRANSISTORS(10A,150W)
Download
2N3792
Click here
to View
File Size
116.48 Kbytes / 3 Pages
Maker
MOSPEC [Mospec Semiconductor]
Homepage
http://www.mospec.com.tw/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
TIP662
N-P-N
DARLINGTON-CONNECTED
SILICON
POWER
TRANSISTORS
Texas Instruments
MRF5812
RF
&
MICROWAVE
DISCRETE
LOW
POWER
TRANSISTORS
Microsemi Corporation
2SK2677
HVX-2
Series
Power
MOSFET
900V
10A
Shindengen Electric Mfg.Co.Ltd
MRF5943C
RF
&
MICROWAVE
DISCRETE
LOW
POWER
TRANSISTORS
Advanced Power Technology
HUF76131SK8
10A
30V
0.013
Ohm
N-Channel
Logic
Level
UltraFET
Power
MOSFET
Fairchild Semiconductor
BDP952
PNP
Silicon
AF
Power
Transistors
Infineon Technologies AG
BUZ45B
10A
500V
0.500
Ohm
N-Channel
Power
MOSFET
Intersil Corporation
RFD10P03L
10A
30V
0.200
Ohm
Logic
Level
P-Channel
Power
MOSFET
Intersil Corporation
SP6128A
Low
Voltage
Synchronous
Step
Down
PWM
Controller
Ideal
for
2A
to
10A
Small
Footprint
DC-DC
Power
Converters
Sipex Corporation
STB10NK60Z
N-channel
600V
-
0.65OHM
-
10A
-
I2/D2PAK
-
TO-220/FP
-
TO-247
Zener-protected
SuperMESH
TM
Power
MOSFET
STMicroelectronics
Link URL :
Related keyword
2N3792 Datasheet
2N3792 Cross Reference
2N3792 Schematic
2N3792 Distributor
2N3792 Datenblatt
2N3792 RoHS
2N3792 Equivalent
2N3792 Application Notes
2N3792 Data Sheet
2N3792 components
2N3792 Fiche Technique
2N3792 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer