Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU16NB50 Datasheet (PDF) - STMicroelectronics

STU16NB50 Datasheet PDF - STMicroelectronics
Part # STU16NB50
Download  STU16NB50 Download

File Size   49.63 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET

STU16NB50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STU16NB50 Datasheet PDF - STMicroelectronics

Part # STU16NB50
Download  STU16NB50 Click to download

File Size   49.63 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET

STU16NB50 Datasheet (HTML) - STMicroelectronics

STU16NB50 Datasheet HTML 1Page - STMicroelectronics STU16NB50 Datasheet HTML 2Page - STMicroelectronics STU16NB50 Datasheet HTML 3Page - STMicroelectronics STU16NB50 Datasheet HTML 4Page - STMicroelectronics STU16NB50 Datasheet HTML 5Page - STMicroelectronics STU16NB50 Datasheet HTML 6Page - STMicroelectronics

STU16NB50 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 0.28 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ ± 30V GATE TO SOURCE VOLTAGE RATING

APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STU16NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU16N60M2 STMICROELECTRONICS-STU16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STU16N65M2 STMICROELECTRONICS-STU16N65M2 Datasheet
824Kb / 16P
   N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STU16N65M5 STMICROELECTRONICS-STU16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
logo
Inchange Semiconductor ...
STU16N65M5 ISC-STU16N65M5 Datasheet
316Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
More results


Similar Description - STU16NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
   N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
   N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
   N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
   N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
   N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
   N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STU9NC80Z STMICROELECTRONICS-STU9NC80Z Datasheet
407Kb / 10P
   N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
   N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
   N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com