Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC148 Datasheet (PDF) - Renesas Technology Corp

HD74HC148 Datasheet PDF - Renesas Technology Corp
Part # HD74HC148
Download  HD74HC148 Download

File Size   79.01 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-3-line Octal Priority Encoder

HD74HC148 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC148 Datasheet PDF - Renesas Technology Corp

Part # HD74HC148
Download  HD74HC148 Click to download

File Size   79.01 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-3-line Octal Priority Encoder

HD74HC148 Datasheet (HTML) - Renesas Technology Corp

HD74HC148 Datasheet HTML 1Page - Renesas Technology Corp HD74HC148 Datasheet HTML 2Page - Renesas Technology Corp HD74HC148 Datasheet HTML 3Page - Renesas Technology Corp HD74HC148 Datasheet HTML 4Page - Renesas Technology Corp HD74HC148 Datasheet HTML 5Page - Renesas Technology Corp HD74HC148 Datasheet HTML 6Page - Renesas Technology Corp

HD74HC148 Product details

Description

HD74HC148 encodes eight data lines to three-line (4-2-1) binary (octal). Cascading circuitry (enable input EI and enable output EO) is provided to allow octal expansion without the need for external circuitry. The data inputs and outputs are active at the low logic level.



Features

• High Speed Operation: tpd (0 - 7 to A0 - A2) = 15 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)



 




Similar Part No. - HD74HC148

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
More results


Similar Description - HD74HC148

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com