Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC77 Datasheet (PDF) - Renesas Technology Corp

HD74HC77 Datasheet PDF - Renesas Technology Corp
Part # HD74HC77
Download  HD74HC77 Download

File Size   96.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Bistable Latch

HD74HC77 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC77 Datasheet PDF - Renesas Technology Corp

Part # HD74HC77
Download  HD74HC77 Click to download

File Size   96.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Bistable Latch

HD74HC77 Datasheet (HTML) - Renesas Technology Corp

HD74HC77 Datasheet HTML 1Page - Renesas Technology Corp HD74HC77 Datasheet HTML 2Page - Renesas Technology Corp HD74HC77 Datasheet HTML 3Page - Renesas Technology Corp HD74HC77 Datasheet HTML 4Page - Renesas Technology Corp HD74HC77 Datasheet HTML 5Page - Renesas Technology Corp HD74HC77 Datasheet HTML 6Page - Renesas Technology Corp HD74HC77 Datasheet HTML 7Page - Renesas Technology Corp

HD74HC77 Product details

Description
The HD74HC77 is ideally suited for use as temporary storage for binary information between processing units and input/output or indicator units.

Features
• High Speed Operation: tpd (D to Q) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC77

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
More results


Similar Description - HD74HC77

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
National Semiconductor ...
MM54HC75 NSC-MM54HC75 Datasheet
150Kb / 4P
   4-Bit Bistable Latch with Q and Q Output
logo
Hitachi Semiconductor
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
   4-bit Bistable Latches
logo
Renesas Technology Corp
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
   4-bit Bistable Latches
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
[Old version datasheet]   4-BIT BISTABLE LATCHES
SN5475 TI-SN5475 Datasheet
229Kb / 6P
[Old version datasheet]   4-BIT BISTABLE LATCHES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com