Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC374 Datasheet (PDF) - Renesas Technology Corp

HD74HC374 Datasheet PDF - Renesas Technology Corp
Part # HD74HC374
Download  HD74HC374 Download

File Size   117.05 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)

HD74HC374 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC374 Datasheet PDF - Renesas Technology Corp

Part # HD74HC374
Download  HD74HC374 Click to download

File Size   117.05 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)

HD74HC374 Datasheet (HTML) - Renesas Technology Corp

HD74HC374 Datasheet HTML 1Page - Renesas Technology Corp HD74HC374 Datasheet HTML 2Page - Renesas Technology Corp HD74HC374 Datasheet HTML 3Page - Renesas Technology Corp HD74HC374 Datasheet HTML 4Page - Renesas Technology Corp HD74HC374 Datasheet HTML 5Page - Renesas Technology Corp HD74HC374 Datasheet HTML 6Page - Renesas Technology Corp HD74HC374 Datasheet HTML 7Page - Renesas Technology Corp HD74HC374 Datasheet HTML 8Page - Renesas Technology Corp HD74HC374 Datasheet HTML 9Page - Renesas Technology Corp

HD74HC374 Product details

Description

These devices are positive edge triggered flip-flops. The difference between HD74HC374 and HD74HC534 is only that the former is a true outputs and the latter is a false outputs. Data at the D inputs, meeting the setup and hold time requirements, are transferred to the Q outputs on positive going transitions of the clock (CK) input. When a high logic level is applied to the output control (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.



Features

• High Speed Operation: tpd (Clock to Q) = 18 ns typ (CL = 50 pF)

• High Output Current: Fanout of 15 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC374FPEL RENESAS-HD74HC374FPEL Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374P RENESAS-HD74HC374P Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374TELL RENESAS-HD74HC374TELL Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374_15 Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
More results


Similar Description - HD74HC374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
   Octal D-type Flip-Flops(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT374 RENESAS-HD74HCT374 Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com