Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6050 Datasheet (PDF) - Mospec Semiconductor

2N6050 Datasheet PDF - Mospec Semiconductor
Part # 2N6050
Download  2N6050 Download

File Size   188.54 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(12A,150W)

2N6050 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6050 Datasheet PDF - Mospec Semiconductor

Part # 2N6050
Download  2N6050 Click to download

File Size   188.54 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(12A,150W)

2N6050 Datasheet (HTML) - Mospec Semiconductor

2N6050 Datasheet HTML 1Page - Mospec Semiconductor 2N6050 Datasheet HTML 2Page - Mospec Semiconductor 2N6050 Datasheet HTML 3Page - Mospec Semiconductor 2N6050 Datasheet HTML 4Page - Mospec Semiconductor

2N6050 Product details

DARLINGTON 12 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60-100 VOLTS 150 WATTS



...designed lor general-purpose power amplifier and low frequency switching applications



FEATURES:

* Monolithic Construction with Butt-in Base-Emitter Shunt Resistors.

* High DC Current Gain -

   hFE = 3500(typ)@ Ic=5.0 A



 




Similar Part No. - 2N6050

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6050 BOCA-2N6050 Datasheet
195Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6050 ETC-2N6050 Datasheet
347Kb / 8P
   Power Transistors
logo
Comset Semiconductor
2N6050 COMSET-2N6050 Datasheet
223Kb / 5P
   POWER COMPLEMENTARY SILICON TRANSISTORS
logo
Seme LAB
2N6050 SEME-LAB-2N6050 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Comset Semiconductor
2N6050 COMSET-2N6050 Datasheet
80Kb / 3P
   POWER COMPLEMENTARY SILICON TRANSISTORS
More results


Similar Description - 2N6050

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
2N3713 MOSPEC-2N3713 Datasheet
125Kb / 3P
   POWER TRANSISTORS(10A,150W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
   POWER TRANSISTORS(15A,200V,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
BUW50 MOSPEC-BUW50 Datasheet
86Kb / 3P
   POWER TRANSISTORS(25A,125V,150W)
2N6259 MOSPEC-2N6259 Datasheet
111Kb / 3P
   POWER TRANSISTORS(16A,150V,150W)
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com