Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3AS-12B Datasheet (PDF) - Renesas Technology Corp

BCR3AS-12B Datasheet PDF - Renesas Technology Corp
Part # BCR3AS-12B
Download  BCR3AS-12B Download

File Size   124.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3AS-12B Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3AS-12B Datasheet PDF - Renesas Technology Corp

Part # BCR3AS-12B
Download  BCR3AS-12B Click to download

File Size   124.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3AS-12B Datasheet (HTML) - Renesas Technology Corp

BCR3AS-12B Datasheet HTML 1Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 2Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 3Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 4Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 5Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 6Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 7Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 8Page - Renesas Technology Corp

BCR3AS-12B Product details

Features
• IT(RMS) : 3 A
• VDRM : 600 V
• IFGT I, IRGT I, IRGT III : 15 mA
• Non-Insulated Type
• Planar Passivation Type

Applications
    Hybrid IC, solid state relay, switching mode power supply, light dimmer, electric fan, electric blanket, control of household equipment such as washing machine, and other general purpose control applications




Similar Part No. - BCR3AS-12B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12B KERSEMI-BCR3AS-12B Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3AS-12B-T13 KERSEMI-BCR3AS-12B-T13 Datasheet
1Mb / 13P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results


Similar Description - BCR3AS-12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com